c ambion a technical data sheet wearnes cambion ltd castleton, hope valley, derbyshire, s33 8wr, england telephone: +44(0 )1433 621555 fax: +44(0)1433 621290 web: www.cambion.co.uk email: enquiries@cambion.co.uk specifications subject to change without notice page 1 of 2 copyright cambion a tuesday, 21 october 2003 smt shielded power inductors - 1608 series features smallest possible size and high performance high energy storage and very low resistance applications step-up and step-down converters memory programmers etc. notebook computers inductance ranges 1.00 ~ 10000 m h product identification ca555-1608- xxx - y - zz xxx ? inductance reference y ? tolerance code zz ? packing code packing and tolerance packing code tolerance ? standard is ?m? 00 36 k l m n single reel 10% 15% 20% 30% inductance reference and electrical characteristics inductance reference inductance mh q (min) test f (khz) dcr - w (max) current (max) 1r0 1.00 30 100 0.040 3.00 1r5 1.50 30 100 0.045 2.80 2r2 2.20 40 100 0.050 1.80 3r3 3.30 40 100 0.055 1.60 4r7 4.70 40 100 0.060 1.40 6r8 6.80 40 100 0.065 1.20 100 10.00 40 100 0.075 1.00 150 15.00 40 100 0.090 0.80 220 22.00 40 100 0.110 0.70 330 33.00 40 100 0.190 0.60 470 47.00 40 100 0.230 0.50 680 68.00 40 100 0.290 0.40 101 100.00 40 100 0.480 0.30 151 150.00 40 100 0.590 0.26 221 220.00 40 100 0.770 0.22 331 330.00 40 100 1.400 0.20 471 470.00 40 100 1.800 0.19 681 680.00 40 100 2.200 0.18 102 1000.00 40 100 3.400 0.15 152 1500.00 50 100 4.200 0.12 222 2200.00 50 100 8.500 0.10 332 3300.00 50 100 11.000 0.08 472 4700.00 50 100 13.900 0.06 682 6800.00 50 100 25.000 0.04 103 10000.00 50 100 32.800 0.02
c ambion a technical data sheet wearnes cambion ltd castleton, hope valley, derbyshire, s33 8wr, england telephone: +44(0 )1433 621555 fax: +44(0)1433 621290 web: www.cambion.co.uk email: enquiries@cambion.co.uk specifications subject to change without notice page 2 of 2 copyright cambion a tuesday, 21 october 2003 configuration & dimensions landing pattern all dimensions in mm type a (max) b (max) c 0.3 d 0.3 e 0.3 f 0.3 g 0.3 h 0.3 i j k 1608 6.60 4.45 4.00 2.92 1.27 1.02 4.32 2.50 3.56 1.40 4.06 reel dimensions part no. dimensions of reel pieces per reel series a b c w 178mm ? 330mm ? 1608 178/330 62/100 0.1 13.0 0.5 16.3 750 2500 embossed plastic carrier tape dimension a0 4.25 0.10 b0 6.50 0.10 k0 3.00 0.10 p 8.00 0.10 p0 4.00 0.10 p2 2.00 0.10 w 16.00 0.30 t 0.35 test frequency - 100khz @ 0.1v current (max) - 30 c temperature rise operating temperature - - 40 c ~ +85 c c b w a feed direction a0 w p p2 p0 t b0 k0 a b g h f e c d k i j
|